PART |
Description |
Maker |
KPD1203K |
Unbiased for low frequency or biased for high frequency measurement
|
ETC[ETC]
|
XFHCL4MM-100M XFHCL4MM-1R0M XFHCL4MM-1R5M XFHCL4MM |
MEASUREMENT FREQUENCY OF INDUCTANCE VALUE: AT 100KHz Series Shield Inductor
|
XFMRS Inc.
|
TC820CLW TC820 TC820CPL TC820CKW |
The TC820 is a 3-3/4 digit,multi-measurement system especially suited for use in portable instruments.It integrates a dual slope A/D converter,auto-ranging frequency counter and logic probe into a single 44-pin surface mount or 40-pin thro From old datasheet system 3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
|
MICROCHIP[Microchip Technology]
|
B57220 B57220K0212A003 |
B57220 Temperature Measurement Leadless Disks B57220 Temperature Measurement Leadless Disks
|
EPCOS
|
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
B57891 |
Temperature Measurement
|
EPCOS
|
TLP206GA |
Measurement Instrumentation
|
Toshiba Semiconductor
|
TLP206G07 TLP206G |
Measurement Instrument
|
Toshiba Semiconductor
|
B57885S0303_000 B57885S0103_001 B57885S0103_002 B5 |
Temperature Measurement
|
EPCOS[EPCOS]
|
TLP598GA |
Measurement Instrumentation
|
Toshiba Semiconductor
|
TLP313007 TLP3130 |
MEASUREMENT INSTRUMENTS
|
Toshiba Semiconductor
|
TLP199D |
MEASUREMENT INSTRUMENTS
|
Toshiba Semiconductor
|